PART |
Description |
Maker |
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
2SC4632LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
FJP5027 FJP5027TU FJP5027R FJP5027RTU |
Wide SOA High Speed Switching High Voltage and High Reliability NPN Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
SB1H100-E3_54 SB1H100-E3_73 SB1H100 SB1H100HE3_54 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
FJP5021NBSP FJP5021 FJP5021Y FJP5021RTU FJP5021RVT |
NPN Silicon Transistor High Voltage and High Reliability From old datasheet system High Speed Switching : tF = 0.1μs (Typ.)
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
LTC4440-5-15 |
High Speed, High Voltage, High Side Gate Driver
|
Linear Technology
|
LTC4440-15 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
MSK610 MSK610-15 MSK610B |
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER Ultra Low Quiescent Current - ±12mA for High Voltage Stage
|
Anaren Microwave M.S. Kennedy Corporatio...
|